PART |
Description |
Maker |
VIM-808-DP VIM-808-2 |
VIM-808-DP
|
Varitronix international limited
|
VIM-310 |
VIM-310
|
Varitronix international limited
|
VIM-810 |
VIM-828
|
Varitronix international limited
|
SPLMN81G2 |
Passively Cooled Diode Laser Bar, 50 W cw at 808 nm
|
OSRAM GmbH
|
SPLE01Y81G2 |
Aktiv gekulter Diodenlaser-Barren, 60 W cw bei 808 nm
|
OSRAM GmbH
|
SPLMY81X2 |
Passively Cooled Diode Laser Bar, 35 W cw at 808 nm
|
OSRAM GmbH
|
SPLBS81-6 |
Unmounted Laser Bars, 82.5% Filling Factor, 808 nm
|
OSRAM GmbH
|
SPLE10N81G2 |
Actively Cooled Diode Laser Bar, 600 W cw at 808 nm
|
OSRAM GmbH
|
LDM-0808-300M-91 |
CW Output Power: 300mW Typical 808 nm Emission Wavelength High-deeiciency Quantum Well Structure TO5 Package
|
Roithner LaserTechnik GmbH
|